Part Number Hot Search : 
BF1210 DW6TG H1100 V250LT2P M7512B CXA1791N SDA5451 GSB1132
Product Description
Full Text Search
 

To Download NTT92B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  naina semiconductor ltd. NTT92B 1 d-95, sector 63, noida C 201301, india ? tel: 012 0-4205450 ? fax: 0120-4273653 sales@nainasemi.com ? www.nainasemi.com thyristor-thyristor module, 95 amps features ? improved glass passivation for high reliability ? exceptional stability at high temperatures ? high di/dt and dv/dt capabilities ? low thermal resistance voltage ratings (t a = 25 o c, unless otherwise noted) type number voltage code v rrm, maximum repetitive peak reverse voltage (v) v rsm, maximum non- repetitive peak reverse voltage (v) v drm, maximum repetitive peak off- state voltage (v) i rrm, maximum reverse leakage current @ t jmax (ma) 60 600 700 600 80 800 900 800 100 1000 1100 1000 NTT92B 120 1200 1300 1200 10 140 1400 1500 1400 160 1600 1700 1600 180 1800 1900 1800 electrical characteristics (t a = 25 0 c unless otherwise noted) parameter symbol values units maximum average forward current @ t j = 85 0 c i t(av) 95 a maximum average rms forward current i t(rms) 150 a maximum non-repetitive surge current i tsm 2000 a maximum i 2 t for fusing i 2 t 20000 a 2 s forward voltage drop v tm 1.3 v critical rate of rise of on-state current di/dt 150 a/s critical rate of rise of off-state voltage dv/dt 1000 v/s gate current required to trigger i gt 150 ma gate voltage required to trigger v gt 3 v maximum holding current i h 150 ma maximum latching current i l 300 ma isolation voltage v iso 3000 v thermal & mechanical specifications (t a = 25 0 c unless otherwise noted) parameter symbol values units operating junction temperature range t j -40 to +125 0 c storage temperature t stg -40 to +125 0 c thermal resistance, junction to case r th(jc) 0.28 0 c/w mounting torque to heatsink f 4 15% nm to terminals 3 15% weight w 100 g
naina semiconductor ltd. NTT92B 2 d-95, sector 63, noida C 201301, india ? tel: 012 0-4205450 ? fax: 0120-4273653 sales@nainasemi.com ? www.nainasemi.com package outline (all dimensions in mm) circuit configuration ordering table ntt 92 b n 160 1 2 3 4 5 1 C power module > dd = diode-diode > td = thyristor-diode > tt = thyristor-thyristor 2 C current rating = i t (av) 3 C package type 4 C circuit configuration (see table) 5 C voltage code (see voltage ratings table) circuit description configuration code circuit drawing series connection (doubler circuit) n


▲Up To Search▲   

 
Price & Availability of NTT92B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X